Part Number Hot Search : 
MP9943 37324 27291SL H040C D2010 R1600 FSH10A09 31030
Product Description
Full Text Search
 

To Download TI201209G800 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ti 201209 (0 805 ) series smd multilayer ferrite chip beads (high current ) rev. a a. electrical specifications: p/n impedance ( ? ? ti201209b070 7 0.010 6.0 ti201209g050 5 0.040 2.2 ti201209g070 7 0.040 2.2 ti201209g300 30 0.040 3.0 ti201209g600 60 0.040 3.0 TI201209G800 80 0.060 3.0 ti201 209g121 120 0.080 3.0 ti201209g151 150 0.080 3.0 ti201209g221 220 0.100 2.5 ti201209g301 300 0.100 2.5 ti201209g601 600 0.150 2.0 ti201209u070 7 0.010 6.0 ti201209u100 10 0.010 6.0 ti201209u110 11 0.010 6.0 ti201209u150 15 0.025 3.0 ti2012 09u170 17 0.025 4.0 ti201209u200 20 0.010 6.0 ti201209u260 26 0.020 5.0 ti201209u300 30 0.010 6.0 ti201209u310 31 0.010 6.0 ti201209u400 40 0.025 4.0 ti201209u470 47 0.050 3.0 ti201209u600 60 0.050 3.0 ti201209u700 70 0.060 3.0 ti201209u8 00 80 0.060 3.0 ti201209u101 100 0.040 4.0 ti201209u121 120 0.040 4.0 ti201209u151 150 0.060 3.0 ti201209u181 180 0.080 3.0 ti201209u221 220 0.080 3.0 ti201209u301 300 0.100 2.5 ti201209u471 470 0.150 2.0 ti201209u601 600 0.150 2.0 ti2012 09u102 1000 0.300 1.0 ti201209z110 11 0.010 6.0 ti201209z300 30 0.020 5.0 ti201209z600 60 0.020 5.0 ti201209z800 80 0.030 5.0 ti201209z121 120 0.060 3.0 ti201209z181 180 0.080 3.0 ti201209z221 220 0.080 3.0 ti201209z301 300 0.100 2.0 ti201 209z601 600 0.150 2.0 ti201209z102 1000 0.300 1.0 b. part number key : c. dimensions: mm (in ch ) series a b c d e f g ti201209(0805 ) 2.0 ( 0.079) 1.2 ( 0.047) 0.9 (0.035) 0.5 ( 0.020) 3.20 (0.126) 1.50 (0.059) 0.60 (0.024) tol. 0.2 (0.008 ) 0.2 (0.008 ) 0.2 (0.008 ) 0.3 (0.012 ) typ. typ. typ. ti 20 09 12 y xxx impedance value material code: l, u, z, b or g dimensions: length (a) x width (b) x thickness (c) family: ti frontier electronics corp. ? page 1 of 2 667 e. coch ran st. , simi v alley, ca 93065 http://www.frontierusa.com phone: 1 - 805 - 522 - 9998, fax: 1 - 805 - 522 - 9989
ti 201209 (0 805 ) series smd multilayer ferrite chip beads (high current ) rev. a d. materials: item unit material code l b g u z initial permeability (iac): ---- 25 45 110 200 500 maximum permeability (m): ---- 125 125 250 450 900 saturation flux density at 10 oe: gauss 2000 2000 1700 1400 1500 curie temperature(tc): c >200 >200 >130 >100 >130 volume resistivity ( ): ? -m 100000 100000 100000 100000 100000 temperature coefficient: 1/10000c 10 10 13 5 12 density: g/cm3 4.8 4.8 4.8 4.8 4.8 e. impedance characteristics of materials: a. z material is for applications whose blocking regions are near 100 mhz. b. l material, an improvement of b material has sharp impedance characteristic at high frequency. c. g material is for application whose signal frequency is far from the cut off region. suitable for application requires low insertion loss at high frequency. d. different materials are available for different application range. e. with one material, higher impedance has sharp er characteristics. f. please confirm the signal wave form to choose suitable products. f. general information : 1. ti 201209 - yxxx , ?ti? = type, ?20? = length, ?12? = width, ?09? = thickness, ?y? = material, ?xxx?= impedance. 2. tolerance: 25% 3. small and lightweight surface mounting type 4. high - density packaging with a pitch of 2.54 mm (0.1 inch) max. is possible. this series requires less space and have greater emi suppression effects. 5. excellent in physical properties, such as terminal stre ngth, flexure strength, soldering resistance and solder - ability. 6. applicable to both flow and ir reflow soldering. 7. high impedance covers wide frequency ranges. 8. ti series can be used in high current circuits due to its low dc resistance. 9. operating temperatur e: - 40 c to +125oc 10. impedance and current range: from 5 ? (2200 ma) to 1000 ? (1000 ma) 11. unspecified values available on request. 12. msl: level 1. g. applications : 1. game consoles 2. set top boxes 3. cables modems 4. computers 5. mobile communication devices (cell phones, ra dios , etc.) frontier electronics corp. ? page 2 of 2 667 e. coch ran st. , simi v alley, ca 93065 http://www.frontierusa.com phone: 1 - 805 - 522 - 9998, fax: 1 - 805 - 522 - 9989


▲Up To Search▲   

 
Price & Availability of TI201209G800

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X